Part Number Hot Search : 
2SC2854 PC610 157M0 20100 38C43BM 9948A GJ1117A 2SK2212
Product Description
Full Text Search
 

To Download BR10003LLD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Philips Semiconductors
Product Specification
Silicon Bi-directional Trigger Device
BR100/03 LLD
GENERAL DESCRIPTION
Silicon bidirectional trigger device in a glass envelope suitable for surface mounting. The device is intended for use in triac and thyristor trigger circuits.
QUICK REFERENCE DATA
SYMBOL V(BO) VO IFRM PARAMETER Breakover voltage Output voltage Repetitive peak forward current MIN. 28 7 MAX. 36 2 UNIT V V A
OUTLINE - SOD80
SYMBOL
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL IFRM Ptot Tstg Tj PARAMETER Repetitive peak forward current Total power dissipation Storage temperature Operating junction temperature CONDITIONS t 10 s, Ttp 50C; f = 60 Hz Ttp = 50C MIN. -55 MAX. 2 150 125 100 UNIT A mW C C
THERMAL RESISTANCES
SYMBOL Rth j-tp PARAMETER CONDITIONS MIN. TYP. 330 MAX. UNIT K/W Thermal resistance junction to PCB mounted tie point
CHARACTERISTICS
Ta = 25 C unless otherwise stated. SYMBOL V(BO) |V(BO)+| - |V(BO)-| VO I(BO) dV(BO)/dT tr PARAMETER Breakover voltage Breakover voltage symmetry Output voltage Breakover current Temperature coefficient of V(BO) Risetime CONDITIONS I = I(BO) I = I(BO), see fig: 1 RL = 20 ; Circuit of fig: 2 V = V(BO) Ip = 0.5 A; Circuit of fig: 2 MIN. 28 7 TYP. 32 0.1 1.5 MAX. UNIT 36 3.5 50 V V V A %/K s
February 1996
1
Rev 1.000
www..com
Philips Semiconductors
Product Specification
Silicon Bi-directional Trigger Device
BR100/03 LLD
I
VBO D.U.T. 10k
I(BO)I
500k
IT
V(BO)III V(BO)I I(BO)III V
100nF 230 V, RMS, 50Hz 10R
Set load resistance to 20 Ohms when measuring output voltage
Vo
50R
Adjust for Ip=0.5A when measuring risetime
Fig.1. Current-voltage characteristics
Fig.2. Test circuit for output voltage and risetime.
MECHANICAL DATA
Dimensions in mm
0 1.5 1.3 0.3 min 3.7 3.3
Fig.3. SOD80
0 1.5 max
February 1996
2
Rev 1.000
www..com
Philips Semiconductors
Product Specification
Silicon Bi-directional Trigger Device
BR100/03 LLD
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1996 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
February 1996
3
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BR10003LLD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X